this document was generated on 05/14/2010 please check www.molex.com for latest part information part number: 0738090216 status: active overview: hdm description: 2.00mm (.079") pitch hdm? board-to-board midplane header, vertical, press-fit, closed end, guide post a location, h polarization key, 72 circuits documents: drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family backplane connectors series 73809 application midplane component type shroud housing overview hdm product name hdm? style n/a physical circuits (loaded) 72 circuits (maximum) 72 color - resin black durability (mating cycles max) 250 first mate / last break no flammability 94v-0 guide to mating part yes keying to mating part yes material - metal stainless steel material - resin high temperature thermoplastic number of columns 12 number of pairs open pin field number of rows 6 orientation vertical pcb retention none packaging type tube pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm stackable yes surface mount compatible (smc) yes temperature range - operating -55c to +105c electrical current - maximum per contact 1a data rate 1.0 gbps real signals (per 25mm) 72 voltage - maximum 250v ac material info reference - drawing numbers packaging specification pk-70873-0818 sales drawing sd-73809-001 hdm and high density metric are trademarks of amphenol corporation series image - reference only eu rohs china rohs compliance status not reviewed reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 73809 series mates with 73632 hdm plus? board-to-board daughtercard receptacle. 73780 hdm? board-to-board daughtercard receptacle
this document was generated on 05/14/2010 please check www.molex.com for latest part information
|